Part Number Hot Search : 
BAL99 MJ15024 AN5838 Z89371QF MAX204 A1720 TAIV1 85EPS08J
Product Description
Full Text Search
 

To Download M5060SB600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 series M50 Diode
60-100Amp * Diode Modules
Single- and three-phase diode circuits incorporate highly efficient thermal management to provide high surge capability, extended life, and reliable performance. Available in five circuits, all models come in an industry standard package, provide 2500 Vrms from all terminals to the baseplate, and are UL recognized E72445.
# High Surge Current Rectifier Circuits # Up to 1600 Volt Blocking Standard
Mechanical Dimensions
All dimensions are in inches (millimeters)
1 .62 5 (4 1. 2 ) .8 1 5 (2 0.7 ) .87 5 (22 .2 ) 1 .0 7 0 (2 7 .2 ) .5 3 5 (1 3.6 ) 1.75 0 (44 .4 )
Electrical Specifications
ID VF TJ Maximum DC Output Current @ Tc = 85C (A) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range
M5060 60 1.35V @60A
M50100 100 1.2V @ 100A
-40C to +125C 100 500 400 (120Vac) 600 (240Vac) 800 (280Vac) 1000 (380Vac) 1200 (480Vac) 1400 (530Vac) 1600 (600Vac) 800 2650 0.45C/W 1500 9350 0.3C/W
Critical Rate of Rise of On-State di/dt Current @ TJ=125C (A/s) dv/dt Critical Rate of Rise of Off-State Voltage
1 .88 0 (4 7.8 )
MOU N T IN G HOLE /SLO T 0.20 (5 .1) . DIA
VRMS
Repetitive Peak Reverse Voltage (AC Line Input Voltage)
1 0 -32 S CRE W 5 P L CS .
.9 5 1.14 0 (24 .1 ) (28 .9 )
2 .26 5 (5 7.5 )
ITSM
SB
AC AC
+
AC AC
CC
-+
I2T
AC AC
Maximum Non-Repetitive Surge Current (A) [ 1/2Cycle, 60Hz] Maximum I2T for Fusing (A2sec) [t=8.3ms] Maximum Thermal Resistance Junction to Ceramic Base per Chip Isolation Voltage
+ +
ROJC VISOL
+ -AC AC
2500 VRMS
Mechanical Specifications
TB
AC AC AC
+
AC AC AC
THC
AC AC AC AC
Weight (Typical)
4.5 oz. (158g)
+
AC
+
AC
--
--
+
Part Number Indentification
Series M50 Current 60 - 60 Amps 100 - 100 Amps Circuit Type (see schematic diagrams) Example: SB Voltage 400 (120 Vac) 600 (240Vac) 1000 (380Vac) 1200 (480Vac) 1400 (530Vac) 1600 (600Vac)
DD
+
AC AC
-+
Example: M50100TB1200
--
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
Approvals
UL - E72445
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


▲Up To Search▲   

 
Price & Availability of M5060SB600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X